PART |
Description |
Maker |
FAN54012UCX FAN54010UCX FAN54015 FAN54011 FAN54011 |
USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
|
Fairchild Semiconductor
|
SC820 |
Adapter/USB Dual Input Single-cell Li-ion Charger
|
Semtech Corporation
|
BQ24027 |
1-Cell Li-Ion Charge IC with USB/AC Supply Management
|
TI
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
MAX1551EZK MAX1555EZK-T MAX1551EZK-T |
SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
|
Maxim Integrated Products
|
PI5USB58 |
USB Sleep and Charge Switch for Single USB Port
|
Pericom Semiconductor
|
897-10-010-00 |
USB Socket Type B; Single; Vertical Surface Mount Micro USB 3.0 Single Row Surface Mount
|
Mill-Max Mfg. Corp.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
RT9516 |
Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
|
Richtek Technology Corporation
|
AS1323-30 AS1323-33 AS1323-27 AS1323-BTTT-27 AS132 |
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter 1.6レA Quiescent Current, Single Cell, DC-DC Step-Up Converter
|
austriamicrosystems AG
|